Part Number Hot Search : 
BZX79C11 7NA60 AD7634 00350 U3502BM STA9012N ADC1215S HMD1M1Z1
Product Description
Full Text Search
 

To Download MJE3055 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mje 3055 npn silicon plastic-encapsulate transistor features ? capable o f 2 . 0 watts of power dissipation. ? collector - curren t 1 0 a ? collector - base volta g e 70 v ? operating and storage junction temperature range: - 5 5 o c to +15 0 o c electrical characteristics @ 2 5 o c unless otherwise specified symbol parameter min max units off characteristics v (br)ceo collector-emitter breakdown voltage (i c = 20 0 madc , i b =0) 6 0 vdc v (br)cbo collector- base breakdown voltage (i c =1000uadc, i e =0) 7 0 vdc v (br)ebo emitter- base breakdown voltage (i e =1000 uadc, i c =0) 5 vd c i cbo collector cutoff current (v cb = 70 vdc , i e = 0 ) 1000 uadc i ebo emitter cutoff current (v eb = 5 .0vdc , i c =0) 5 00 0 uadc on characteristics h fe(1) dc current gain ( i c = 4.0 adc , v ce = 4 .0vdc ) 20 100 h fe(2) dc current gain (i c = 10 adc , v ce = 4 vdc ) 5. 0 v ce(sat) collector- emitter saturation voltage (i c = 4 adc , i b = 0.4 adc ) 1. 1 vd c (i c =10 adc , i b = 3.3 adc ) 1. 2 vd c v be base- emitter voltage (i c = 4 adc ,v ce =4v 1.8 vd c small-signal characteristics f t trans istor frequency ( i c = 0.5 adc , v ce = 1 0 vdc, f = 1 . 0mhz ) 2 . 0 mh z to-220  
 omp onents 20736 marilla street chatsworth       
     m cc revision: c 201 3/01/01 tm micro commercial components w w w. m c c se m i .c om 1 of 3 notes:1.high temperature solder exemption applied, see eu directive annex 7. ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) g r b q h u l d c j k a f s t 1 3 2 n v min max no t e a .560 .625 14.22 15.88 b .380 .420 9.65 10.67 c .140 .190 3.56 4 . 82 d .020 .045 0.51 1 . 14 f .139 .161 3.53 4 . 09 ? g .190 .110 2.29 2 . 79 h --- .250 --- 6 . 35 j .012 .025 0.30 0 . 64 k .500 .580 12.70 14.73 l .045 .060 1.14 1 . 52 n .190 .210 4.83 5 . 33 q .100 .135 2.54 3 . 43 r .080 .115 2.04 2 . 92 s .045 .055 1.14 1 . 39 t .230 .270 5.84 6 . 86 u ----- .050 ----- 1 . 27 v .045 ----- 1.15 ----- dimensions inches mm d i m min max pin 1. base pin 2. collector pin 3. emitter epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 mounting torgue: 5 in-lbs maximum ? h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
mje 3055 typical characteristics 2 of 3 w w w. m c c se m i .c om revision: c 201 3/01/01 m cc tm micro commercial components downloaded from: http:///
m cc revision: c 201 3/01/01 tm micro commercial components w w w. m c c se m i .c om 3 of 3 o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. d e vi c e p ac k i n g p a r t n u m b e r- b p bu lk; 1 kp cs / bo x note : adding "-hf" suffix for halogen free, eg. part number-bp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of MJE3055

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X